Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4723 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4723
Description  Dual 4-Bit, 8-Bit Addressable Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4723 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4723 Datasheet HTML 1Page - National Semiconductor (TI) CD4723 Datasheet HTML 2Page - National Semiconductor (TI) CD4723 Datasheet HTML 3Page - National Semiconductor (TI) CD4723 Datasheet HTML 4Page - National Semiconductor (TI) CD4723 Datasheet HTML 5Page - National Semiconductor (TI) CD4723 Datasheet HTML 6Page - National Semiconductor (TI) CD4723 Datasheet HTML 7Page - National Semiconductor (TI) CD4723 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD4723BCCD4724BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
20
002
20
150
m
A
Current
VDD e 10V
40
002
40
300
m
A
VDD e 15V
80
002
80
600
m
A
VOL
Low Level
lIOl s 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl s 1 mA
Output Voltage
VDD e 5V
495
495
50
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
225
15
15
V
Input Voltage
VDD e 10V VO e 1V or 9V
30
45
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
275
35
V
Input Voltage
VDD e 10V VO e 1V or 9V
70
70
55
70
V
VDD e 15V VO e 15V or 135V
110
110
825
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current
VDD e 10V VO e 05V
13
11
225
09
mA
(Note 3)
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Current
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
(Note 3)
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5
b
030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOL and IOH are tested one output at a time
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com