Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLF2012DR10MT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLF2012DR10MT
Description  Multilayer Ferrite
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012DR10MT Datasheet(HTML) 3 Page - TDK Electronics

  MLF2012DR10MT Datasheet HTML 1Page - TDK Electronics MLF2012DR10MT Datasheet HTML 2Page - TDK Electronics MLF2012DR10MT Datasheet HTML 3Page - TDK Electronics MLF2012DR10MT Datasheet HTML 4Page - TDK Electronics MLF2012DR10MT Datasheet HTML 5Page - TDK Electronics MLF2012DR10MT Datasheet HTML 6Page - TDK Electronics MLF2012DR10MT Datasheet HTML 7Page - TDK Electronics MLF2012DR10MT Datasheet HTML 8Page - TDK Electronics MLF2012DR10MT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(3/11)
INDUC
T
O
RS
20150310 / inductor_commercial_standard_mlf2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Standard Circuits
Multilayer Ferrite
FEATURES
The lineup includes a wide inductance range.
Highly reliable monolithic structure with multilayer integration.
APPLICATION
Smart phones, tablet terminals, tuners, LCD-TVs, PDP-TVs, audio equipment, computers, signal processing for modules etc.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
In case the product's inductance is 15μH or higher, both Operating and Storage temperature ranges are –40 to +85°C.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MLF2012 Type
MLF
2012
D
47N
△
T000
Series name
L×W×H Dimensions
characteristics
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(μH)
2012
2.0×1.25×0.85
A
10N
0.010
(10nH)
J
±5%
T
Taping
000
2.0×1.25×1.25
C
K
±10%
D
R10
0.1
M
±20%
E1R0
1
K
100
10
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MLF2012
t=0.85
–55 to +125
–55 to +125
4,000
10
t=1.25
2,000
14
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com