Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3841 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3841
Description  High Current-Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3841 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3841 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3841 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3841 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3841 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3841 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC3841
S-PARAMETER
VCE = 10 V, IC = 5 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
1.047
3
14.240
-178
0.003
42
1.012
3
100
0.944
-18
13.693
164
0.026
81
0.989
-10
200
0.750
-56
10.802
137
0.058
66
0.759
-30
300
0.562
-84
8.270
118
0.078
59
0.582
-39
400
0.468
-106
6.449
105
0.091
58
0.484
-40
500
0.394
-123
5.399
97
0.106
58
0.417
-45
600
0.372
-138
4.421
89
0.120
59
0.343
-44
700
0.359
-150
3.824
83
0.133
59
0.309
-48
800
0.343
-164
3.388
77
0.146
58
0.288
-53
900
0.339
-172
3.020
73
0.158
59
0.292
-54
1000
0.320
178
2.692
67
0.172
59
0.279
-61
1100
0.339
170
2.483
64
0.188
59
0.279
-57
1200
0.351
168
2.291
61
0.204
59
0.279
-61



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com