Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3738 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3738
Description  High Voltage, High Speed Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3738 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3738 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3738 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC3738
DESCRIPTION
·High Voltage, High Speed Switching
·Wide Area of Safe Operation
·Good Linearity of hFE
APPLICATIONS
·Designed for high speed switching and horizontal deflection
output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1200
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
10
A
ICP
Collector Current-Peak
15
A
IB
Base Current-Continuous
5
A
PC
Collector Power Dissipation
@ TC=25℃
175
W
Collector Power Dissipation
@ Ta=25℃
3.5
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC3738

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SC373 MICRO-ELECTRONICS-2SC373 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
List of Unclassifed Man...
2SC373 ETC-2SC373 Datasheet
166Kb / 6P
SILICON NPN EPITAXIAL TRANSISTOR (PCT PROCESS)
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
2SC3732 NEC-2SC3732 Datasheet
161Kb / 3P
NPN SILICON TRANSISTOR
2SC3733 NEC-2SC3733 Datasheet
174Kb / 3P
NPN SILICON TRANSISTOR
More results

Similar Description - 2SC3738

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
High Speed High Voltage Switching
KSC2335 FAIRCHILD-KSC2335 Datasheet
52Kb / 4P
High Speed, High Voltage Switching
KSC2518 FAIRCHILD-KSC2518 Datasheet
47Kb / 5P
High Speed, High Voltage Switching
logo
List of Unclassifed Man...
2SC3724 ETC-2SC3724 Datasheet
46Kb / 1P
HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
HIGH VOLTAGE HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC3865 NJSEMI-2SC3865 Datasheet
147Kb / 1P
HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Inchange Semiconductor ...
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
High-voltage high-speed switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com