Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3130 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC3130
Description  High Current-Gain Bandwidth Product
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3130 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3130 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3130 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3130 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN RF Transistor
2SC3130
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10μA ; IC= 0
3
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 2mA ; IB= 0
10
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20mA ; IB= 4mA
0.5
V
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0
1
μ
A
hFE
DC Current Gain
IC= 5mA ; VCE= 4V
75
400
fT
Current-Gain—Bandwidth Product
IE= -5mA ; VCB= 4V; f= 200MHz
1.4
1.9
2.5
GHz
COB
Output Capacitance
IE= 0 ; VCB= 4V; f= 1MHz
1.4
pF
rbb’ • CC
Base Time Constant
IE= -5mA ; VCB= 4V; f= 31.9MHz
11
ps
Cre
Feed-Back Capacitance
IE= 0 ; VCB= 4V; f= 1.0MHz
0.45
pF
hFE Classification
Class
P
Q
R
Marking
ISP
ISQ
ISR
hFE
75-130
110-220
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com