Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3793 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3793
Description  High Gain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3793 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3793 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3793 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3793 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC3793
DESCRIPTION
·
Low Noise
·
High Gain
APPLICATIONS
·
Designed for use in UHF local oscillator.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation
@TC=25℃
0.15
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC3793

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3793 HITACHI-2SC3793 Datasheet
27Kb / 6P
Silicon NPN Epitaxial
More results

Similar Description - 2SC3793

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2298 HITACHI-2SC2298 Datasheet
348Kb / 2P
HIGH GAIN AMPLIFIER
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
115Kb / 3P
HIGH GAIN TRANSISTOR
logo
IXYS Corporation
IXGA50N60B4 IXYS-IXGA50N60B4 Datasheet
227Kb / 6P
High-Gain IGBTs
IXGH30N60B4 IXYS-IXGH30N60B4 Datasheet
88Kb / 2P
High-Gain IGBT
logo
Unisonic Technologies
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
HIGH GAIN TRANSISTOR
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
Flat Gain High Linearity Gain Block
logo
Unisonic Technologies
X1049A UTC-X1049A_15 Datasheet
246Kb / 4P
HIGH GAIN TRANSISTOR
logo
Advanced Semiconductor
HVV0912-800 ASI-HVV0912-800 Datasheet
245Kb / 2P
High Power Gain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com