Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6757 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6757
Description  VGS Rated at 짹20V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6757 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6757 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6757 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2N6757
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
150
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS; ID= 1mA
2
4
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 10V; ID= 5A
0.6
Ω
IGSS
Gate Source Leakage Current
VGS= 20V;VDS= 0
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 150V; VGS= 0
1
mA
VSD
Diode Forward Voltage
IF= 8A; VGS= 0
0.75
1.5
V
PDF pdfFactory Pro
www.fineprint.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com