Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012M6R8WT000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MLZ2012M6R8WT000
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M6R8WT000 Datasheet(HTML) 3 Page - TDK Electronics

  MLZ2012M6R8WT000 Datasheet HTML 1Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 2Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 3Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 4Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 5Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 6Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 7Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 8Page - TDK Electronics MLZ2012M6R8WT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(3/15)
INDUC
T
O
RS
20160411 / inductor_commercial_decoupling_mlz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Decoupling Circuits
Multilayer Ferrite
FEATURES
The MLZ Series include inductors for decoupling circuits that have top-class DC superimposition characteristics and low DC resistance.
They are compatible with wide frequency band noise, from low to high frequency.
H type products have a rated current that is equivalent to that of wound coils.
W type products are the new standard type products that have both large current and low resistance.
L type products have a resistance up to 60% lower than W type products.
APPLICATION
Smart phones, tablet terminals, note PCs, various modules such as camera modules, DSCs, video games, portable memory audio
devices, navigation systems, PNDs, WLANs, SSDs
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MLZ2012 Type
MLZ
2012
M
1R0
H
T
000
Series name
L×W×H Dimensions
Product
internal code
Inductance
Characteristic type
Packaging style
Internal code
(mm)
(μH)
2012
2.0×1.25×0.85
A
1R0
1
H
Ultra-large current type
T
Taping
000
2.0×1.25×1.25
D
100
10
D
High frequency type
M
101
100
W
Large current type
N
L
Low resistance type
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MLZ2012
t=0.85
–55 to +125
–55 to +125
4000
10
t=1.25
2000
14
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com