Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012M100WT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLZ2012M100WT000
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M100WT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLZ2012M100WT000 Datasheet HTML 2Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 3Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 4Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 5Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 6Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 7Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 8Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 9Page - TDK Electronics MLZ2012M100WT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(6/15)
INDUC
T
O
RS
20160411 / inductor_commercial_decoupling_mlz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLZ2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value).
Operating temperature environment at this time: 105°C max.
○ Measurement equipment
* Equivalent measurement equipment may be used.
Type
L
Thickness
L measuring conditions
DC resistance Isat1
Itemp2
Part No.
T
Frequency
Current
(μH)
Tolerance
(mm)
(MHz)
(mA)
(
: )±30%
(mA)
(mA)
Ultra-large
current
1.0
±20%
1.25
2
0.1
0.10
700
800
MLZ2012M1R0HT000
1.5
±20%
1.25
2
0.1
0.14
550
700
MLZ2012M1R5HT000
2.2
±20%
1.25
2
0.1
0.16
400
600
MLZ2012M2R2HT000
3.3
±20%
1.25
2
0.1
0.20
350
500
MLZ2012M3R3HT000
4.7
±20%
1.25
2
0.1
0.34
300
400
MLZ2012M4R7HT000
6.8
±20%
1.25
2
0.1
0.40
220
350
MLZ2012M6R8HT000
10
±20%
1.25
2
0.1
0.68
200
300
MLZ2012M100HT000
High
frequency
0.10
±20%
0.85
25
1.0
0.07
1000
1150
MLZ2012DR10DT000
0.22
±20%
0.85
25
1.0
0.13
800
900
MLZ2012DR22DT000
0.47
±20%
1.25
25
1.0
0.18
550
700
MLZ2012DR47DT000
Large current
1.00
±20%
0.85
10
1.0
0.10
280
900
MLZ2012A1R0WT000
1.50
±20%
0.85
10
1.0
0.13
250
750
MLZ2012A1R5WT000
2.20
±20%
0.85
10
1.0
0.15
210
650
MLZ2012A2R2WT000
3.30
±20%
0.85
10
1.0
0.34
200
450
MLZ2012A3R3WT000
4.70
±20%
0.85
2
0.1
0.30
180
500
MLZ2012M4R7WT000
6.80
±20%
1.25
2
0.1
0.40
160
400
MLZ2012M6R8WT000
10.0
±20%
1.25
2
0.1
0.47
150
350
MLZ2012M100WT000
15.0
±20%
1.25
2
0.1
0.95
120
250
MLZ2012M150WT000
22.0
±20%
1.25
2
0.1
1.25
100
220
MLZ2012P220WT000
22.0
±20%
1.25
2
0.1
2.0
60
220
MLZ2012M220WT000
33.0
±20%
1.25
2
0.1
2.60
55
190
MLZ2012M330WT000
47.0
±20%
1.25
2
0.1
3.70
50
170
MLZ2012M470WT000
Low
resistance
1.00
±20%
0.85
2
0.1
0.06
220
1150
MLZ2012N1R0LT000
1.50
±20%
0.85
2
0.1
0.10
190
900
MLZ2012N1R5LT000
2.20
±20%
0.85
2
0.1
0.12
170
800
MLZ2012N2R2LT000
3.30
±20%
0.85
2
0.1
0.15
130
750
MLZ2012N3R3LT000
4.70
±20%
0.85
2
0.1
0.18
130
600
MLZ2012N4R7LT000
6.80
±20%
0.85
2
0.1
0.25
110
550
MLZ2012N6R8LT000
10.0
±20%
1.25
2
0.1
0.30
110
500
MLZ2012N100LT000
15.0
±20%
1.25
2
0.1
0.47
90
350
MLZ2012N150LT000
22.0
±20%
1.25
2
0.1
0.67
70
300
MLZ2012N220LT000
100.0
±20%
1.25
2
0.1
3.50
30
140
MLZ2012N101LT000
Measurement item
Product No.
Manufacturer
L
4294A+16034G
Keysight Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com