Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y202BT000 Datasheet(PDF) 5 Page - TDK Electronics

Part # MMZ2012Y202BT000
Description  Chip Beads For general signal line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y202BT000 Datasheet(HTML) 5 Page - TDK Electronics

  MMZ2012Y202BT000 Datasheet HTML 1Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 2Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 3Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 4Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 5Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 6Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 7Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 8Page - TDK Electronics MMZ2012Y202BT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(5/11)
20150203 / beads_commercial_signal_mmz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ2012 Type
MATERIAL CHARACTERISTICS
R material: For wide frequency applications calling for broad impedance characteristics. For digital signal line applications calling
requiring good waveform integrity. Impedance values selected for effectiveness at 10 to 200MHz.
S material: Standard type that features impedance characteristics similar to those of a typical ferrite core. For signal line applications in
which the blocking region is near 100MHz. Impedance values selected for effectiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz region and above.
For signal line applications in which the signal frequency is far from the cutoff frequency. Impedance values selected for
effectiveness at 80 to 400MHz.
D material: For applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequencies.
Designed for high impedance at high frequencies (300MHz to 1GHz) for signal line applications.
TYPICAL MATERIAL IMPEDANCE CHARACTERISTICS
0
500
1000
1500
2000
2500
10
100
1000
Frequency(MHz)
R
S
D
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com