Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012D301BT000 Datasheet(PDF) 9 Page - TDK Electronics

Part # MMZ2012D301BT000
Description  Chip Beads For general signal line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012D301BT000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MMZ2012D301BT000 Datasheet HTML 3Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 4Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 5Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 6Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 7Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 8Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 9Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 10Page - TDK Electronics MMZ2012D301BT000 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(9/11)
20150203 / beads_commercial_signal_mmz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ2012 Type
ELECTRICAL CHARACTERISTICS
Z, X, R VS. FREQUENCY CHARACTERISTICS
MMZ2012R150AT000
MMZ2012R300AT000
MMZ2012R600AT000
MMZ2012R121AT000
MMZ2012R301AT000
MMZ2012R601AT000
MMZ2012R102AT000
MMZ2012S400AT000
MMZ2012S800AT000
MMZ2012S121AT000
MMZ2012S181AT000
MMZ2012S301AT000
MMZ2012S601AT000
MMZ2012S102AT000
MMZ2012Y150BT000
X
Z
R
1
10
100
1000
10000
0
5
10
15
20
25
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
0
0
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
20
40
60
80
100
120
140
Frequency (MHz)
1
10
100
1000
10000
0
Frequency (MHz)
X
Z
R
50
100
150
200
250
300
350
1
10
100
1000
0
X
Z
R
100
200
300
400
500
600
700
10000
Frequency (MHz)
0
200
400
600
800
1000
1200
1
10
100
1000
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
10
20
30
40
50
60
Frequency (MHz)
X
Z
R
10000
1
10
100
1000
10000
0
X
Z
R
20
40
60
80
100
120
140
Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
50
100
150
200
250
300
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
10000
Frequency (MHz)
X
Z
R
100
200
300
400
500
600
700
1
10
100
1000
0
10000
Frequency (MHz)
X
Z
R
200
400
600
800
1000
1200
1
10
100
1000
0
10000
Frequency (MHz)
X
Z
R
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com