Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS82 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS82
Description  8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS82 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS82 Datasheet HTML 1Page - Nanjing International Group Co SS82 Datasheet HTML 2Page - Nanjing International Group Co SS82 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
S
S82
S
S810
THRU
Typical Thermal Resistance R JA (Note 2)
θ
VOLTAGE RANGE
20 to 100 Volts
CURRENT
8.0 Amperes
A
A
V
uA
mA
pF
8.0
150
5
00
50
10
-65
+125
-65
+150
-65
+150
0. 5
0.70
380
S
S82
S
S84
S
S85
S
S86
S
K88 SS810 UNITS
20
0
50
60
80
100
V
20
50
60
80
100
V
14
28
35
42
56
70
V
0.70
0.85
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
8
Dimensions in inches and (millimeters)
Lead Free Finish/RoHS Compliant
*
.305(7.75)
.320(8.13)
.260(6.60)
.280(7.11)
.006(0.152)
.012(0.305)
.108(2.75)
.128(3.25)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.220(5.59)
.245(6.22)
.008
(.203)
MAX.
DO-214AB(SMC)
4
0
4
S
S845
31
45
45
* Weight: 0.
215 grams
5
Version 1.1
2013/2/27
http://www.
dgnjdz.com


Similar Part No. - SS82

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS82 FRONTIER-SS82 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS82 LUGUANG-SS82 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS82 FORMOSA-SS82 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS82 CHENDA-SS82 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS82 DGNJDZ-SS82 Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS82

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS82-8A-20V-DO-214AB DGNJDZ-SS82-8A-20V-DO-214AB Datasheet
726Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS85-8A-50V-DO-214AB DGNJDZ-SS85-8A-50V-DO-214AB Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS86-8A-60V-DO-214AB DGNJDZ-SS86-8A-60V-DO-214AB Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS88-8A-80V-DO-214AB DGNJDZ-SS88-8A-80V-DO-214AB Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS810.8A DGNJDZ-SS810.8A Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS845.8A.45V.DO-214AB DGNJDZ-SS845.8A.45V.DO-214AB Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SB860-8A-TO-220AC DGNJDZ-SB860-8A-TO-220AC Datasheet
379Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com