Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLV32T-R15J-PFD Datasheet(PDF) 7 Page - TDK Electronics

Part # NLV32T-R15J-PFD
Description  Inductors for Standard Circuits Wound Ferrite
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R15J-PFD Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLV32T-R15J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 9Page - TDK Electronics NLV32T-R15J-PFD Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(7/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV32-PFD Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(μH)
Tolerance
min.
(MHz)
(MHz)min.
(
)max.
(mA)max.
10
±5%
30
2.52
30
2.1
150
NLV32T-100J-PFD
12
±5%
30
2.52
20
2.5
140
NLV32T-120J-PFD
15
±5%
30
2.52
20
2.8
130
NLV32T-150J-PFD
18
±5%
30
2.52
20
3.3
120
NLV32T-180J-PFD
22
±5%
30
2.52
20
3.7
110
NLV32T-220J-PFD
27
±5%
30
2.52
20
5
80
NLV32T-270J-PFD
33
±5%
30
2.52
17
5.6
70
NLV32T-330J-PFD
39
±5%
30
2.52
16
6.4
65
NLV32T-390J-PFD
47
±5%
30
2.52
15
7
60
NLV32T-470J-PFD
56
±5%
30
2.52
13
8
55
NLV32T-560J-PFD
68
±5%
30
2.52
12
9
50
NLV32T-680J-PFD
82
±5%
30
2.52
11
10
45
NLV32T-820J-PFD
100
±5%
20
0.796
10
10
40
NLV32T-101J-PFD
120
±5%
20
0.796
10
11
70
NLV32T-121J-PFD
150
±5%
20
0.796
8
15
65
NLV32T-151J-PFD
180
±5%
20
0.796
7
17
60
NLV32T-181J-PFD
220
±5%
20
0.796
7
21
50
NLV32T-221J-PFD
270
±5%
20
0.796
6
28
45
NLV32T-271J-PFD
330
±5%
20
0.796
5
34
40
NLV32T-331J-PFD
390
±5%
20
0.796
5
36
35
NLV32T-391J-PFD
470
±5%
20
0.796
4
40
25
NLV32T-471J-PFD
Measurement item
Product No.
Manufacturer
L, Q
4191A+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com