Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS845 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS845
Description  8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS845 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS845 Datasheet HTML 1Page - Nanjing International Group Co SS845 Datasheet HTML 2Page - Nanjing International Group Co SS845 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 2
Forward Derating Curve
60
80
120
140
160
180
0
2.0
4.0
6.0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
8.0
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
10
20
60
100
200
100
Junction Capacitance - pF versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25
°C
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Volts
40
60
200
100
Amps
.2
1.2
.4
.6
.8
1.0
.1
.2
.4
.6
1
2
4
6
10
20
25 C
400
600
1000
1.4
S
S82L-SS86L
S
S88L-SS810L
Average Forward Rectified Current - Amperesversus
Junction Temperature -
°C
RATING AND CHARACTERISTIC CURVES (S
S82 THRU SS810)
Version 1.1
2013/2/27
http://www.
dgnjdz.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com