Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUGC10HH Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SUGC10HH
Description  1 Amp Super Fast Recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SUGC10HH Datasheet(HTML) 1 Page - Nanjing International Group Co

  SUGC10HH Datasheet HTML 1Page - Nanjing International Group Co SUGC10HH Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Amp Super Fast
Recovery
Silicon Rectifier
50 to 600 Volts
Features
For Surface Mount Applications
Low Power Loss, High Efficiency
High Temp Soldering: 260 C for 10 Seconds At Terminals
Operating Temperature: -50 C to +150 C
Storage Temperature: -50 C to +150 C
Maximum Thermal Resistance; 75 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SUGC10AH
E1A
50V
35V
50V
SUGC10BH
E1B
100V
70V
100V
SUGC10CH
E1C
150V
105V
150V
SUGC10DH
E1D
200V
140V
200V
SUGC10EH
E1E
300V
210V
300V
SUGC10GH
E1G
400V
2
80V
400V
SUGC10HH
E1H
500V
350V
500V
SUGC10JH
E1J
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Ta = 50 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SUGC10AH-10DH
SUGC10EH-10GH
SUGC10HH-10JH
VF
.95V
1.25V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 A
100 A
Ta = 25 C
Ta = 100 C
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=4.0V
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
Welding Iron Temp:350oC for 3s max.
Maximum Ratings
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates
Compliant. See ordering information)
Storage Condition: Less than 30
oC,RH<70%
Note: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SUGC10AH
THRU SUGC10JH
1 Amp Super Fast Recovery


Similar Part No. - SUGC10HH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SUGC10DH ZOWIE-SUGC10DH Datasheet
70Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10GH ZOWIE-SUGC10GH Datasheet
70Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10JH ZOWIE-SUGC10JH Datasheet
70Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10KH ZOWIE-SUGC10KH Datasheet
70Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results

Similar Description - SUGC10HH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
ES1A FUJI-ES1A Datasheet
724Kb / 1P
1 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
1 AMP FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
1 AMP FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CMR1S-01 CENTRAL-CMR1S-01_10 Datasheet
296Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP
logo
Nanjing International G...
SFM11PL DGNJDZ-SFM11PL Datasheet
105Kb / 2P
1 Amp Super Fast Recovery
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
1 Amp Ultra Fast Recovery
logo
Micro Commercial Compon...
HS1K MCC-HS1K Datasheet
280Kb / 3P
1 Amp Super Fast Recovery Rectifier 800 Volts
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
1 Amp Super Fast Recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com