Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2
Description  Standard Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2 Datasheet HTML 1Page - Vishay Siliconix DG2 Datasheet HTML 2Page - Vishay Siliconix DG2 Datasheet HTML 3Page - Vishay Siliconix DG2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 86082
Rev. 1.3, 11-Aug-04
VISHAY
CG2 / DG2
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
IF = 2.0 A
VF
1.1
V
Maximum reverse current
VR = VRRM, Tamb = 25 °C
IR
5.0
µA
VR = VRRM, Tamb = 100 °C
IR
100
µA
Maximum reverse recovery time IF = 0.5 A, IR = 50 mA
CG2
trr
15
µs
DG2
trr
20
µs
IF = 0.5 A, IR = 1.0 A, Ir = 0.25 A
CG2
trr
1.0
1.5
µs
DG2
trr
1.0
1.5
µs
Typical junction capacitance
VR = 4.0 V, f = 1 MHz
Cj
15
pF
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Ambient Temperature (
°C)
0
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
Resistive or
Inductive Load
Capacitance Load
Ipk/IAV =5.0
10
20
0.375" (9.5mm)
Lead Length
Ipk/IAV =
π
gcg2_01
Number of Cycles at 60 Hz
1
10
100
0
10
20
30
40
50
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ =25
°C
No Load Condition
TJ =TJmax.
gcg2_02
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Instantaneous Forward Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
TJ = 150
°C
TJ =25
°C
Pulse Width = 300
µs
1% Duty Cycle
gcg2_03
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
0.01
0.1
1
10
TJ =25
°C
TJ = 125
°C
gcg2_04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com