Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # S3JB
Description  3A, 50V - 1000V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S3JB Datasheet(HTML) 1 Page - Taiwan Memory Technology

  S3JB Datasheet HTML 1Page - Taiwan Memory Technology S3JB Datasheet HTML 2Page - Taiwan Memory Technology S3JB Datasheet HTML 3Page - Taiwan Memory Technology S3JB Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
FEATURES
- Glass passivated chip junction
- Ideal for automated placement
- Low forward voltage drop
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case:
DO-214AA (SMB)
Molding compound, UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Polarity:
Indicated by cathode band
Weight:
0.09 g (approximately)
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
trr
μs
CJ
pF
RθJL
°C/W
TJ
°C
TSTG
°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1410018
Version: J15
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Taiwan Semiconductor
1.15
10
250
Typical junction capacitance (Note 3)
40
V
IR
μA
Storage temperature range
- 55 to +150
Typical reverse recovery time (Note 2)
1.5
Typical thermal resistance
10
- 55 to +150
Operating junction temperature range
Maximum instantaneous forward voltage (Note 1)
@ 3 A
VF
Maximum average forward rectified current
3
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
S3
AB
S3
BB
S3AB - S3MB
3A, 50V - 1000V Surface Mount Rectifiers
S3
DB
S3
GB
S3
JB
S3
KB
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AA (SMB)
S3
MB
Unit


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
3A, 50V - 1000V Silicon Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
2A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
4A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
5A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S3A-T TSC-S3A-T Datasheet
304Kb / 5P
3A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3AH TS-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S3ABH TS-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com