Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8GC Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # S8GC
Description  8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S8GC Datasheet(HTML) 2 Page - Taiwan Memory Technology

  S8GC Datasheet HTML 1Page - Taiwan Memory Technology S8GC Datasheet HTML 2Page - Taiwan Memory Technology S8GC Datasheet HTML 3Page - Taiwan Memory Technology S8GC Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D0000010
Version: C15
M6
S8GC - S8MC
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
S8MC
S8MCHR7G
SMC
Note 1: "xx" defines voltage from 400V (S8GC) to 1000V (S8MC)
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
S8xC
(Note 1)
R7
PART NO.
SUFFIX
H
3,000 / 13" Plastic reel
3,000 / 13" Paper reel
850 / 7" Plastic reel
PACKING
G
SMC
R6
SMC
PACKING CODE
SUFFIX
DESCRIPTION
HR7
G
AEC-Q101 qualified
Green compound
0
2
4
6
8
10
0
25
50
75
100
125
150
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVEOR
INDUCTIVE LOAD
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 HZ
FIG. 2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=125°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com