Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT271 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCT271
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT271 Datasheet(HTML) 3 Page - Vishay Siliconix

  MCT271 Datasheet HTML 1Page - Vishay Siliconix MCT271 Datasheet HTML 2Page - Vishay Siliconix MCT271 Datasheet HTML 3Page - Vishay Siliconix MCT271 Datasheet HTML 4Page - Vishay Siliconix MCT271 Datasheet HTML 5Page - Vishay Siliconix MCT271 Datasheet HTML 6Page - Vishay Siliconix MCT271 Datasheet HTML 7Page - Vishay Siliconix MCT271 Datasheet HTML 8Page - Vishay Siliconix MCT271 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
MCT270/ 1/ 2/ 3/ 4/ 5/ 6/ 7
Document Number 83724
Rev. 1.4, 19-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 20 mA
VF
1.5
V
Reverse current
VR = 3.0 V
IR
10
µA
Capacitance
VR = 0, f = 1.0 MHz
CO
25
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage
IC = 10 µA, IF = 0 mA
BVCEO
30
V
Emitter-collector breakdown
voltage
IE = 10 µA, IF = 0 mA
BVECO
7.0
V
Collector-base breakdown
voltage
IC = 10 µA, IF = 0 mA
BVCBO
70
V
Collector-emitter leakage
current
VCE = 10 V, IF = 0 mA
ICEO
50
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Resistance, input to output
VIO = 500 VDC
RIO
1012
Ω
Capacitance (input-output)
CIO
0.5
pF
Collector-emitter saturation
voltage
ICE = 2.0 mA, IF = 16 mA
VCEsat
0.4
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio
VCE = 10 V, IF = 10 mA
MCT270
CTRDC
50
%
MCT271
CTRDC
45
90
%
MCT272
CTRDC
75
150
%
MCT273
CTRDC
125
250
%
MCT274
CTRDC
225
400
%
MCT275
CTRDC
70
210
%
MCT276
CTRDC
15
60
%
MCT277
CTRDC
100
%
Current Transfer Ratio
(collector-emitter)
VCE = 0.4 V, IF = 16 mA
MCT271
CTRCE
12.5
%
MCT272
CTRCE
12.5
%
MCT273
CTRCE
12.5
%
MCT274
CTRCE
12.5
%
MCT275
CTRCE
12.5
%
MCT276
CTRCE
12.5
%
MCT277
CTRCE
40
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com