Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # LL4148
Description  500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LL4148 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  LL4148 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LL4148 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LL4148 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DEVICE CHARACTERISTICS
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
BV
Breakdown Voltage @ IR
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
LL34 (Mini-MELF) Tape Packaging Standards
This standard practices for surface-mount tape packaging of leadless (Mini-MELF) components meets the requirements of EIA Standard
RS-481-A.
V
I
(mV)
(V)
(mA)
(
µA)
VF
IF
BV
IR
IR
VR
(nA)
LL4148/ LL4448/ LL914B
1
10
100
1000
10,000
0
100
200
T , JUNCTION TEMPERATURE ( C)
Fig. 2, Leakage Current vs Junction Temperature
j
°
V = 20V
R
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
http://www.yeashin.com
2
REV.03 20140409



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com