Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0530WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # B0530WS
Description  Low Forward Voltage Drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B0530WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  B0530WS Datasheet HTML 1Page - Nanjing International Group Co B0530WS Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-323 Plastic-Encapsulate Diodes
B0520WS/B0530WS/B0540WS
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Also Available in Lead Free Version
MARKING: B0520WS: SD
B0530WS:
C1
B0540WS: SF
Maximum Ratings @Ta=25
Parameter
Symbol
B0520WS
B0530WS
B0540WS
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
20
30
40
V
RMS reverse voltage reverse voltage (DC)
VR(RMS)
14
21
28
V
Average rectified output current
Io
0.5
A
Forward current surge peak
IFSM
5.5
A
Power dissipation
PD
200
mW
Thermal resistance junction to ambient
R JA
/W
Junction temperature
Tj
1 5
Storage temperature
TSTG
-
55~+150
Voltage rate of change
dv/dt
1000
V/
s
Electrical Characteristics @Ta=25
Parameter
Symbol
B0520WS
B0530WS
B0540WS
Unit
Conditions
20
--
--
IR=250 A
--
30
--
IR=500 A
Minimum reverse b-
reakdown voltage
V(BR)
--
--
40
V
IR=20 A
VF1
0.3
3
0.36
--
IF=0.1A
VF2
0.3
9
0.45
0.510
IF=0.5A
Forward voltage
VF3
--
--
0.62
V
IF=1A
IR1
75
--
--
VR=10V
Reverse current
IR2
--
80
--
A
VR=15V
IR3
250
100
10
VR=20V
IR4
--
500
--
VR=30V
Reverse current
IR5
--
--
20
A
VR=40V
Capacitance between terminals
CT
170
170
170
pF
VR=0,f=1MHz
SOD-323
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - B0530WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530WS DIODES-B0530WS Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30249 Rev. C-2
logo
Weitron Technology
B0530WS WEITRON-B0530WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0530WS DIODES-B0530WS Datasheet
82Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30249 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0530WS TSC-B0530WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0530WS TSC-B0530WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B0530WS

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com