Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B772 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # B772
Description  Low speed switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B772 Datasheet(HTML) 2 Page - Nanjing International Group Co

  B772 Datasheet HTML 1Page - Nanjing International Group Co B772 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-300
-400
-500
-600
-700
-800
-900 -1000 -1100-1200
-0.1
-1
-10
-100
-1000
-1
-10
-100
-1000
10
100
1000
10000
-1
-10
-100
-1000
-300
-600
-900
-1200
-1500
-10
-100
10
100
-1
-10
-100
-1000
-1
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
f
T
——
I
C
Static Characteristic
B772
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
I
C
——
V
BE
h
FE
——
I
C
-3000
COMMON EMITTER
V
CE= -2V
BASE-EMMITER VOLTAGE V
BE (mV)
Typical Characteristics
-3000
COMMON EMITTER
V
CE= -2V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-3000
β=10
V
BEsat
——
I
C
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
-4.23
200
COMMON EMITTER
V
CE=-5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-3000
β=10
V
CEsat
——
I
C
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-6.0mA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-7.5mA
-6.75mA
-5.25mA
-2.25mA
-3.75mA
-4.5mA
-3.0mA
-1.5mA
I
B=-0.75mA
C,Dec,2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com