Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5817WS Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # B5817WS
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5817WS Datasheet(HTML) 3 Page - Nanjing International Group Co

  B5817WS Datasheet HTML 1Page - Nanjing International Group Co B5817WS Datasheet HTML 2Page - Nanjing International Group Co B5817WS Datasheet HTML 3Page - Nanjing International Group Co B5817WS Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
C,Oct,2014
SOD-323 Package Outline Dimensions
SOD-323 Suggested Pad Layout
Min
Max
Min
Max
A
1.000
0.039
A1
0.000
0.100
0.000
0.004
A2
0.800
0.900
0.031
0.035
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
1.200
1.400
0.047
0.055
E
1.600
1.800
0.063
0.071
E1
2.500
2.700
0.098
0.106
L
L1
0.250
0.400
0.010
0.016
θ
0°
8°
0°
8°
0.475 REF
0.019 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com