Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS16WS
Description  Fast switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS16WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS16WS Datasheet HTML 1Page - Nanjing International Group Co BAS16WS Datasheet HTML 2Page - Nanjing International Group Co BAS16WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS16WS
Silicon Epitaxial Planar Switching Diode
Features
• Fast switching diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward Current (Continuous)
IF
250
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
2
A
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
0.715
0.855
1
1.25
V
Reverse Leakage Current
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
1
30
50
µA
Diode Capacitance
at VR = 0 V, f = 1 MHz
Ctot
2
pF
Reverse Recovery Time
at IF = 10 mA to IR = 10 mA, IR = 1 mA, RL = 100 Ω
trr
6
ns
Anode
2
Top View
Marking Code: "W2"
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
W2


Similar Part No. - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16WS WTE-BAS16WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
General Semiconductor
BAS16WS GE-BAS16WS Datasheet
45Kb / 2P
SMALL SIGNAL DIODES
logo
TAITRON Components Inco...
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
SynSemi, Inc.
BAS16WS SYNSEMI-BAS16WS Datasheet
38Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAS16WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com