Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS20WS
Description  Fast Switching Speed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS20WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS20WS Datasheet HTML 1Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOD-323 Plastic-Encapsulate Diodes
BAS19WS/BAS20WS/BAS21WS
FAST SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
MARKING: BAS19WS: A8
BAS20WS: T2
BAS21WS: T3
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
2
50
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Peak Forward Surge Current @t=1.0ms
@ t=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to
Ambient
RθJA
500
℃
/W
Storage Temperature
TSTG
-
55~+150
℃
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VF1
1.0
IF=0.1A
Forward voltage
VF2
1.25
V
IF=0.2A
0.1
VR=100V
0.1
VR=150V
Reverse current
BAS19WS
BAS20WS
BAS21WS
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0V,f=1MHz
Reverse recovery time
trr
50
ns
IF=IR=30mA
Irr=0.1XIR,RL=100Ω
A,May,2011
SOD-323
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - BAS20WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS20WS-T1 WTE-BAS20WS-T1 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
BAS20WS-T3 WTE-BAS20WS-T3 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS20WS

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com