Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC1008
Description  TRANSISTOR NPN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC1008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC1008 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC1008 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC1008 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC1008
TRANSISTOR(NPN )
FEATURES
Power dissipation
PCM :
0.8
W(Tamb=25℃)
Collector current
ICM
:
0.7
A
Collector-base voltage
V(BR)CBO : 80
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA , IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA ,
IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
8
  V
Collector cut-off current
ICBO
VCB=60 V ,
IE=0
0.1
 μA
Emitter cut-off current
IEBO
VEB= 5 V ,
IC=0
0.1
 μA
DC current gain
hFE
VCE= 2 V,
IC=50m A
40
400
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB=50 mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB=50m A
1.1
V
Transition frequency
f T
VCE=10V, IC= 50mA
30
MHz
CLASSIFICATION OF hFE
Rank
R
O
Y
G
Range
40-80
70-140
120-240
200-400
1 2 3
TO—92
1.EMITTER
2. BASE
3. COLLECTOR
东莞市华远电子有限公
司
DONG GUAN SHI HUA YUAN ELECTRON CO.,LTD.
TEL
86-769-5335378
86-769-5305266
FEX
86-769-5316189
TO-92 Plastic-Encapsulate Transistors


Similar Part No. - 2SC1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1008 ETC1-2SC1008 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC1008 TEL-2SC1008 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Weitron Technology
2SC1008 WEITRON-2SC1008 Datasheet
352Kb / 3P
NPNPlastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC1008 WINNERJOIN-2SC1008 Datasheet
134Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC1008

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com