Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC016 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) CLC016 Datasheet HTML 19Page - National Semiconductor (TI) CLC016 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Product Description (Continued)
CLC730057 Retimer Evaluation Board Material List
Item
Reference
Designator
Description
Qty
1
U1
CLC016AJQ Retimer Chip
1
2
U2
74HC04 Hex Inv. 14 PIN SOIC
1
3
U3
74HC00 Quad 2-Input Pos-Nand Gate
1
4V
EE/VCC
Banana Jack, Red, EF Johnson #108-0902-001
1
5
Gnd
Banana Jack, Black, EF Johnson #108-0993-001
1
6
DDI, DDI, SDO,
SDO, SCO, SCO
BNC PC Amphenol #31-5329-52RFX
6
7
C6
0.001 µF SMD Cap, Size 1206
1
8
C1, C2, C3, C4, C7,
C8, C12, C13
0.01 µF SMD Cap, Size 1206
8
9
C10, C11, CX, C
Z
0.1 µF SMD Cap, Size 1206
4
10
C
P
82 pF SMD Cap, Size 1206
1
11
C5, C9
6.8 µF SMD Cap, Tantalum Cap, Size 6032 Digikey #PCT3685
2
12
SW1
5 Position Dip Switch Grayhill #GH1216
1
13
D1, D2
DL4148-ND Switching Diode (1N4148 or equivalent)
2
14
RT0, RT1, RT2,
RT3
Sub-miniature PCB Mount LED Array PC084-GL5
1
15
CD, UNL
Single Sub-miniature PCB Mount LED PC080-RL5
2
16
R
BW
499
Ω SMD Resistor, Size 1206
1
17
R8–R12, R18, R19
10 k
Ω SMD Resistor, Size 1206
7
18
R17
1 k
Ω SMD Resistor, Size 1206
1
19
R13–R16
75
Ω SMD Resistor, Size 1206
4
20
R
3
2550
Ω SMD 1% Resistor, Size 1206
1
21
R
2
3480
Ω SMD 1% Resistor, Size 1206
1
22
R
1
5490
Ω SMD 1% Resistor, Size 1206
1
23
R
0
6810
Ω SMD 1% Resistor, Size 1206
1
24
R4, R5, R6, R7
Choose for input termination
4
25
Socket Digikey #A2141-ND
1
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com