Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAV19WS
Description  Fast switching speed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAV19WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAV19WS Datasheet HTML 1Page - Nanjing International Group Co BAV19WS Datasheet HTML 2Page - Nanjing International Group Co BAV19WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19WS, BAV20WS, BAV21WS
Silicon Epitaxial Planar Diodes
High Voltage Switching Diode
Features
• Fast switching speed
• Surface mount package ideally suited for
automatic insertion
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
BAV19WS
BAV20WS
BAV21WS
VRRM
120
200
250
V
Reverse Voltage
BAV19WS
BAV20WS
BAV21WS
VR
100
150
200
V
Average Rectified Forward Current
IF(AV)
200
mA
Forward Continuous Current
IFM
400
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
at t = 1 µs
at t = 1 s
IFSM
2.5
0.5
A
Power Dissipation
Ptot
200
mW
Operating and Storage Temperature Range
Tj, Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 μA
BAV19WS
BAV20WS
BAV21WS
V(BR)R
120
200
250
-
-
-
V
Reverse Current
at VR = 100 V
at VR = 150 V
at VR = 200 V
BAV19WS
BAV20WS
BAV21WS
IR
-
-
-
100
100
100
nA
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Total Capacitance
at VR = 0, f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = IR = 30 mA, IRR = 0.1 X IR, RL = 100 Ω
trr
-
50
ns
2
Anode
Top View
Marking Code: WO
Simplified outline SOD-323 and symbol
1
2
PINNING
PIN
1
DESCRIPTION
Cathode
WO


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
2SK526 ISC-2SK526 Datasheet
68Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com