Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2062S Datasheet(PDF) 1 Page - Rohm

Part # 2SC2062S
Description  High-gain Amplifier Transistor (32V, 0.3A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC2062S Datasheet(HTML) 1 Page - Rohm

  2SC2062S Datasheet HTML 1Page - Rohm 2SC2062S Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(94L-570-D25)
(SPEC-D230)
316
Transistors
2SD2142K / 2SC2062S
Transistors
2SD2470


Similar Part No. - 2SC2062S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2062S ROHM-2SC2062S Datasheet
70Kb / 3P
High-gain Amplifier Transistor ( 32V, 0.3A)
More results

Similar Description - 2SC2062S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB852K ROHM-2SB852K Datasheet
73Kb / 4P
High-gain Amplifier Transistor (-32V, -0.3A)
2SC2062S ROHM-2SC2062S Datasheet
70Kb / 3P
High-gain Amplifier Transistor ( 32V, 0.3A)
2SD1383K ROHM-2SD1383K Datasheet
72Kb / 4P
High-gain Amplifier Transistor (32V, 0.3A)
2SD2142K ROHM-2SD2142K Datasheet
70Kb / 3P
High-gain Amplifier Transistor (30V, 0.3A)
2SD1383K ROHM-2SD1383K_1 Datasheet
75Kb / 3P
High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K-2 ROHM-2SD1383K-2 Datasheet
86Kb / 3P
High-gain Amplifier Transistor (32V , 0.3A)
2SD2142K ROHM-2SD2142K_1 Datasheet
82Kb / 3P
High-gain Amplifier Transistor (30V, 0.3A)
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
High-gain Amplifier Transistor
2SD2142KT146 ROHM-2SD2142KT146 Datasheet
61Kb / 3P
High-gain Amplifier Transistor (30V, 0.3A)
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
High-gain Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com