Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA06-600B Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTA06-600B
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06-600B Datasheet(HTML) 2 Page - STMicroelectronics

  BTA06-600B Datasheet HTML 1Page - STMicroelectronics BTA06-600B Datasheet HTML 2Page - STMicroelectronics BTA06-600B Datasheet HTML 3Page - STMicroelectronics BTA06-600B Datasheet HTML 4Page - STMicroelectronics BTA06-600B Datasheet HTML 5Page - STMicroelectronics BTA06-600B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA/BTB06 Series
2/6
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
SNUBBERLESS™ and LOGIC LEVEL (3 Quadrants)
s
STANDARD (4 Quadrants)
STATIC CHARACTERISTICS
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1
Symbol
Test Conditions
Quadrant
BTA/BTB06
Unit
TW
SW
CW
BW
IGT (1)
VD = 12 V
RL = 30 Ω
I - II - III
MAX.
5
10
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
I - II - III
MIN.
0.2
V
IH (2)
IT = 100 mA
MAX.
101535
50mA
IL
IG = 1.2 IGT
I - III
MAX.
10
25
50
70
mA
II
15
30
60
80
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
MIN.
20
40
400
1000
V/µs
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125°C
MIN.
2.7
3.5
-
-
A/ms
(dV/dt)c = 10 V/µs
Tj = 125°C
1.2
2.4
-
-
Without snubber
Tj = 125°C
-
-
3.5
5.3
Symbol
Test Conditions
Quadrant
BTA/BTB06
Unit
CB
IG (1)
VD = 12 V
RL = 30 Ω
I - II - III
IV
MAX.
25
50
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
40
50
mA
II
80
100
dV/dt (2)
VD = 67 %VDRM gate open Tj = 125°C
MIN.
200
400
V/µs
(dV/dt)c (2) (dI/dt)c = 2.7 A/ms
Tj = 125°C
MIN.
5
10
V/µs
Symbol
Test Conditions
Value
Unit
VT (2)
ITM = 5.5 A
tp = 380 µs
Tj = 25°C
MAX.
1.55
V
Vto (2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
60
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
1
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com