Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-059A Datasheet(PDF) 2 Page - CUI INC

Part # PJ-059A
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-059A Datasheet(HTML) 2 Page - CUI INC

  PJ-059A Datasheet HTML 1Page - CUI INC PJ-059A Datasheet HTML 2Page - CUI INC PJ-059A Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-059A │ DESCRIPTION: DC POWER JACK
date 04/14/2016
│ page 2 of 3
3
2
1
0.087
2.20
0.157
4.00
4.7 0.185
0.118
3.0
0.118
3.0
11.5 0.453
3.00.118
0.091
2.30
0.453
11.5
0.118
3.0
4.00 0.157
6.500.256
3.50.138
0.3 (3 PLCS)
4.70.185
23
1
3.500.138
15.20.598
1
2
TOP VIEW
PCB LAYOUT
3
1.00X1.60
(3 PLCS)
9.0
0.433
0.354
0.224
5.70
11.0
0.079
2.00
(2 PLCS)
0.140
3.55
R
1.80.071
+0.00
-0.10
1.00 0.039
(3 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-059A
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.8 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com