Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4522AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU4522AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4522AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BU4522AX Datasheet HTML 1Page - NXP Semiconductors BU4522AX Datasheet HTML 2Page - NXP Semiconductors BU4522AX Datasheet HTML 3Page - NXP Semiconductors BU4522AX Datasheet HTML 4Page - NXP Semiconductors BU4522AX Datasheet HTML 5Page - NXP Semiconductors BU4522AX Datasheet HTML 6Page - NXP Semiconductors BU4522AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AX
Fig.13. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C
Fig.14. Transient thermal impedance.
Fig.15. Test Circuit RBSOA.
Fig.16. Reverse bias safe operating area. T
j ≤ Tjmax
Fig.17. I
Csat during normal running vs. frequency of
operation for optimum performance
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
BU2522AF
0
30
20
10
0
500
1000
1500
VCE / V
IC / A
1.0E-07
1.0E-05
1.0E-03
1.0E-01
1.0E-01
0.001
0.01
0.1
1
10
0
0.2
0.1
0.05
0.02
0.5
t / s
Zth / (K/W)
BU4522AF
D =
tp
tp
T
T
P
t
D
0
20406080
100
0
2
4
6
8
10
Horizontal frequency (kHz)
Ic(sat) (A)
10
30
50
70
90
1
3
5
7
9
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
December 1997
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com