Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA06-800C Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA06-800C
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06-800C Datasheet(HTML) 4 Page - STMicroelectronics

  BTA06-800C Datasheet HTML 1Page - STMicroelectronics BTA06-800C Datasheet HTML 2Page - STMicroelectronics BTA06-800C Datasheet HTML 3Page - STMicroelectronics BTA06-800C Datasheet HTML 4Page - STMicroelectronics BTA06-800C Datasheet HTML 5Page - STMicroelectronics BTA06-800C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTA/BTB06 Series
4/6
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2: RMS on-state current versus case
temperature (full cycle).
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig.
4:
On-state
characteristics
(maximum
values).
Fig. 5:
Surge peak on-state current versus
number of cycles.
Fig. 6:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
0123456
0
1
2
3
4
5
6
7
8
P (W)
IT(RMS)(A)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
IT(RMS) (A)
BTA
BTB
Tc(°C)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
tp(s)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
ITM (A)
Tj=Tj max
Tj max.
Vto = 0.85 V
Rd = 60 m
Ω
VTM(V)
1
10
100
1000
0
10
20
30
40
50
60
70
ITSM (A)
Non repetitive
Tj initial=25°C
Repetitive
Tc=105°C
One cycle
t=20ms
Number of cycles
0.01
0.10
1.00
10.00
10
100
1000
tp (ms)
ITSM (A), I²t (A²s)
Tj initial=25°C
ITSM
I²t
dI/dt limitation:
50A/µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com