Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7104CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7104CS
Description  High Speed, Single Channel, Power MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7104CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL7104CS Datasheet HTML 1Page - Intersil Corporation EL7104CS Datasheet HTML 2Page - Intersil Corporation EL7104CS Datasheet HTML 3Page - Intersil Corporation EL7104CS Datasheet HTML 4Page - Intersil Corporation EL7104CS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (T
A = 25°C)
Supply (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation
SO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 570mW
PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1050mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
V+ = 15V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
@V+
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
@0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-Up Resistance
IOUT = -100mA
1.5
4
Ω
ROL
Pull-Down Resistance
IOUT = +100mA
2
4
Ω
IOUT
Output Leakage Current
V+/GND
0.2
10
µA
IPK
Peak Output Current
Source/Sink
4.0
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Input = V+
4.5
7.5
mA
VS
Operating Voltage
4.5
16
V
AC Electrical Specifications
V = 15V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS (VDD = VH = 12V; VL = -3V)
tR
Rise Time
CL = 1000pF
7.5
ns
CL = 2000pF
10
20
ns
tF
Fall Time
CL = 1000pF
10
ns
CL = 2000pF
15
20
ns
tD-ON
Turn-On Delay Time
See Timing Table
18
25
ns
tD-OFF
Turn-Off Delay Time
See Timing Table
18
25
ns
EL7104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com