Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4747 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC4747
Description  High Switching Speed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4747 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4747 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4747 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4747 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC4747
DESCRIPTION
·High Breakdown Voltage-
: VCBO= 1500V (Min)
·High Switching Speed
APPLICATIONS
·Designed for character display horizontal deflection
output stage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base voltage
6
V
IC
Collector Current- Continuous
10
A
IC(surge)
Collector Current-Surge
20
A
PC
Collector Power Dissipation
@ TC=25℃
50
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC4747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4747 ETC1-2SC4747 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Savantic, Inc.
2SC4747 SAVANTIC-2SC4747 Datasheet
141Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4747 JMNIC-2SC4747 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4747 SAVANTIC-2SC4747 Datasheet
143Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4747 JMNIC-2SC4747_15 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4747

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com