Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4807 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4807
Description  High Gain-Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4807 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4807 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4807 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4807 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4807 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4807 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4807
S-PARAMETER
VCE = 5 V, IC = 20 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.525
–150.0
14.03
104.7
0.039
58.4
0.336
–75.5
200
0.533
–171.9
7.16
90.9
0.063
65.7
0.197
–89.9
300
0.542
177.6
4.75
83.2
0.089
69.6
0.157
–98.3
400
0.544
170.2
3.60
77.5
0.116
71.0
0.146
–104.0
500
0.547
163.8
2.91
72.1
0.143
71.5
0.145
–109.0
600
0.552
158.2
2.46
67.4
0.170
71.3
0.150
–113.7
700
0.555
152.6
2.14
63.3
0.197
70.5
0.158
–117.1
800
0.558
147.5
1.90
59.3
0.225
69.6
0.166
–121.0
900
0.570
142.4
1.72
55.2
0.254
68.4
0.175
–124.6
1000
0.569
137.4
1.58
51.9
0.280
67.2
0.186
–128.1
VCE = 5 V, IC = 100 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.488
–172.8
16.32
97.8
0.034
76.2
0.248
–116.9
200
0.502
176.3
8.08
88.0
0.066
78.6
0.195
–141.9
300
0.507
170.0
5.34
82.0
0.099
77.8
0.184
–152.2
400
0.507
163.6
4.03
77.2
0.132
76.4
0.181
–157.9
500
0.514
159.0
3.27
72.8
0.163
74.5
0.184
–161.8
600
0.513
153.6
2.75
68.8
0.195
72.7
0.189
–164.0
700
0.518
148.5
2.40
65.1
0.225
70.7
0.192
–165.8
800
0.524
144.0
2.13
61.3
0.254
68.5
0.196
–167.6
900
0.525
139.3
1.93
57.8
0.284
66.3
0.200
–169.4
1000
0.531
134.2
1.77
54.6
0.312
64.6
0.205
–170.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com