Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4988 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4988
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4988 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4988 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4988 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4988 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4988 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4988 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4988
S-PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200
0.555
–66.6
9.68
124.7
0.0717
62.3
0.672
–39.7
400
0.328
–102.5
5.98
102.2
0.106
59.4
0.462
–49.8
600
0.225
–133.1
4.24
89.3
0.138
60.8
0.371
–53.4
800
0.185
–160.5
3.31
80.3
0.170
61.4
0.326
–56.4
1000
0.172
170.5
2.71
72.4
0.204
61.3
0.301
–59.9
1200
0.179
148.5
2.34
65.8
0.237
60.7
0.285
–63.6
1400
0.200
131.7
2.06
59.9
0.270
59.5
0.276
–68.2
1600
0.224
120.0
1.86
54.4
0.303
58.1
0.268
–73.2
1800
0.253
108.7
1.71
49.6
0.334
56.4
0.262
–78.7
2000
0.277
99.8
1.58
44.9
0.365
54.5
0.256
–84.7
VCE = 5 V, IC = 20 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200
0.220
–101.8
13.13
106.0
0.0532
71.5
0.401
–48.6
400
0.135
–149.0
7.08
90.8
0.0946
73.6
0.277
–49.0
600
0.120
175.1
4.83
82.2
0.137
72.6
0.239
–50.1
800
0.132
148.0
3.70
75.5
0.178
70.8
0.221
–53.4
1000
0.155
129.6
3.02
69.5
0.220
68.2
0.212
–57.9
1200
0.174
117.3
2.58
63.9
0.258
65.6
0.205
–63.1
1400
0.196
105.5
2.26
58.8
0.296
62.9
0.201
–69.1
1600
0.225
97.8
2.04
54.1
0.331
60.3
0.197
–75.7
1800
0.246
92.0
1.86
50.0
0.364
57.5
0.193
–82.1
2000
0.267
84.5
1.72
45.7
0.397
54.7
0.190
–89.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com