Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5084 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC5084
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5084 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC5084 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5084 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5084 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5084 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5084 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC5084
SMITH CHART
(Test Condition:VCE=10V, IC=20mA , ZO=50Ω,f= 0.2GHz-2.0GHz)
S11、S22 -FREQUENCY
S21-FREQUENCY
Condition:Vce=10V/Ic=20mA
2GHz
5
10
15
20
0.2GHz
90
°
60
°
30
°
0
-30
°
-60
°
-90
°
-120
°
-150
°
180
°
150
°
120
°
S12- FREQUENCY
Condition:Vce=10V,Ic=20mA
0.2GHz
0.05
0.1
0.15
0.2
0.25
90
°
60
°
30
°
2GHz
0
-30
°
-60
°
-90
°
-120
°
-150
°
180
°
150
°
120
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com