Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5900 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC5900
Description  High Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5900 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5900 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5900 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
2SC5900
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 1A
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 1A
1.5
V
ICBO
Collector Cutoff Current
VCB= 800V ; IE= 0
10
μA
ICES
Collector Cutoff Current
VCE= 1700V ; RBE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 4V ; IC= 0
10
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
10
hFE-2
DC Current Gain
IC=4.5A ; VCE= 5V
4
9
tstg
Storage Time
IC= 3A ;IB1=0.5A; IB2= -1.5A
3.0
μs
tf
Fall Time
IC= 3A ;IB1=0.5A; IB2= -1.5A
0.2
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com