Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1338 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1338
Description  High Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1338 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1338 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1338 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2SD1338
DESCRIPTION
·
High Breakdown Voltage-
: VCBO= 1500V (Min)
·
High Switching Speed
·
Built-in Damper Diode
APPLICATIONS
·
Designed for horizontal output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current- Continuous
2.5
A
ICP
Collector Current-Pulse
8
A
PC
Collector Power Dissipation
@ TC= 25℃
50
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD1338

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1330 PANASONIC-2SD1330 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage output amplification)
logo
Inchange Semiconductor ...
2SD1336 ISC-2SD1336 Datasheet
244Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1338

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com