Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1371 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1371
Description  High Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1371 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1371 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1371 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2SD1371
DESCRIPTION
·
High Voltage
·
High Speed Switching
·
High Power Dissipation
APPLICATIONS
·
Designed for switching mode power supply and electronic
ballast applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
2
A
PC
Collector Power Dissipation
@TC=25℃
40
W
Tj
Junction Temperature
150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W


Similar Part No. - 2SD1371

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1370 ISC-2SD1370 Datasheet
260Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1372 ISC-2SD1372 Datasheet
253Kb / 2P
isc Silicon NPN Power Transistor
2SD1373 ISC-2SD1373 Datasheet
273Kb / 2P
isc Silicon NPN Power Transistor
2SD1374 ISC-2SD1374 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SD1375 ISC-2SD1375 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD1371

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
High-Voltage Amp, High-Voltage Switching
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E_06 Datasheet
51Kb / 2P
HIGH VOLTAGE
logo
Winchester Electronics ...
231-510-0000G WINCHESTER-231-510-0000G Datasheet
39Kb / 1P
HIGH VOLTAGE
logo
Inchange Semiconductor ...
2SC5116 ISC-2SC5116 Datasheet
192Kb / 2P
High Voltage
BU932 ISC-BU932 Datasheet
197Kb / 2P
High Voltage
BUJ302A ISC-BUJ302A Datasheet
195Kb / 2P
High Voltage
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Illinois Capacitor, Inc...
MWS ILLINOISCAPACITOR-MWS Datasheet
171Kb / 2P
High Voltage
logo
Vishay Siliconix
VS-VSKT71 VISHAY-VS-VSKT71 Datasheet
327Kb / 9P
High voltage
21-Mar-14
logo
International Rectifier
IRK.56 IRF-IRK.56 Datasheet
176Kb / 9P
High Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com