Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8305 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8305
Description  LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8305 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8305 Datasheet HTML 1Page - Integrated Circuit Systems ICS8305 Datasheet HTML 2Page - Integrated Circuit Systems ICS8305 Datasheet HTML 3Page - Integrated Circuit Systems ICS8305 Datasheet HTML 4Page - Integrated Circuit Systems ICS8305 Datasheet HTML 5Page - Integrated Circuit Systems ICS8305 Datasheet HTML 6Page - Integrated Circuit Systems ICS8305 Datasheet HTML 7Page - Integrated Circuit Systems ICS8305 Datasheet HTML 8Page - Integrated Circuit Systems ICS8305 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
8305AG
www.icst.com/products/hiperclocks.html
REV. B FEBRUARY 26, 2004
1
ICS8305
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8305 is a low skew, 1-to-4, Differential/
LVCMOS-to-LVCMOS/LVTTL Fanout Buffer and a
member of the HiPerClockS ™ family of High
Performance Clock Solutions from ICS. The
ICS8305 has selectable clock inputs that accept
either differential or single ended input levels.The clock enable is
internally synchronized to eliminate runt pulses on the outputs
during asynchronous assertion/deassertion of the clock enable
pin. Outputs are forced LOW when the clock is disabled. A sepa-
rate output enable pin controls whether the outputs are in the
active or high impedance state.
Guaranteed output and part-to-part skew characteristics make
the ICS8305 ideal for those applications demanding well de-
fined performance and repeatability.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
GND
OE
VDD
CLK_EN
CLK
nCLK
CLK_SEL
LVCMOS_CLK
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Q0
VDDO
Q1
GND
Q2
VDDO
Q3
GND
ICS8305
16-Lead TSSOP
4.4mm x 3.0mm x 0.92mm package body
G Package
Top View
FEATURES
• 4 LVCMOS/LVTTL outputs
• Selectable differential or LVCMOS/LVTTL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• LVCMOS_CLK supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 350MHz
• Output skew: 35ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Additive phase jitter, RMS: 0.04ps (typical)
• 3.3V core, 3.3V, 2.5V or 1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
LVCMOS_CLK
CLK
nCLK
CLK_SEL
Q0
Q1
Q2
Q3
0
1
CLK_EN
OE
D
Q
LE
0
1


Similar Part No. - ICS8305

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
ICS8305 IDT-ICS8305 Datasheet
428Kb / 17P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83052AGI ICST-ICS83052AGI Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83052AGI-01 ICST-ICS83052AGI-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052AGILF ICST-ICS83052AGILF Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
More results

Similar Description - ICS8305

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
ICS8305 IDT-ICS8305_14 Datasheet
428Kb / 17P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com