Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF8010 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8010
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8010 Datasheet(HTML) 2 Page - International Rectifier

  IRF8010 Datasheet HTML 1Page - International Rectifier IRF8010 Datasheet HTML 2Page - International Rectifier IRF8010 Datasheet HTML 3Page - International Rectifier IRF8010 Datasheet HTML 4Page - International Rectifier IRF8010 Datasheet HTML 5Page - International Rectifier IRF8010 Datasheet HTML 6Page - International Rectifier IRF8010 Datasheet HTML 7Page - International Rectifier IRF8010 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF8010
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V
(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
R
DS(on)
Static Drain-to-Source On-Resistance
–––
12
15
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
I
DSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
I
GSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
82
–––
–––
V
Q
g
Total Gate Charge
–––
81
120
Qgs
Gate-to-Source Charge
–––
22
–––
nC
Q
gd
Gate-to-Drain ("Miller") Charge
–––
26
–––
td(on)
Turn-On Delay Time
–––
15
–––
t
r
Rise Time
–––
130
–––
td(off)
Turn-Off Delay Time
–––
61
–––
ns
t
f
Fall Time
–––
120
–––
Ciss
Input Capacitance
–––
3830
–––
C
oss
Output Capacitance
–––
480
–––
Crss
Reverse Transfer Capacitance
–––
59
–––
pF
C
oss
Output Capacitance
–––
3830
–––
Coss
Output Capacitance
–––
280
–––
C
oss eff.
Effective Output Capacitance
–––
530
–––
Avalanche Characteristics
Parameter
Units
E
AS
Single Pulse Avalanche Energy
mJ
IAR
Avalanche Current
A
E
AR
Repetitive Avalanche Energy
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
80
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
320
(Body Diode)
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
99
150
ns
Qrr
Reverse RecoveryCharge
–––
460
700
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Typ.
–––
–––
–––
Conditions
VDS = 25V, ID = 45A
I
D = 80A
VDS = 80V
Conditions
26
V
GS = 10V
VGS = 0V
V
DS = 25V
ƒ = 1.0MHz
310
45
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 80A, VGS = 0V
TJ = 150°C, IF = 80A, VDD = 50V
di/dt = 100A/µs
Conditions
V
GS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
V
GS = 10V, ID = 45A
VDS = VGS, ID = 250µA
V
DS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
V
GS = 20V
VGS = -20V
Max.
V
GS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
V
GS = 0V, VDS = 0V to 80V
V
GS = 10V
VDD = 50V
I
D = 80A
RG = 39Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com