Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-002B Datasheet(PDF) 2 Page - CUI INC

Part # PR-002B
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR-002B Datasheet(HTML) 2 Page - CUI INC

  PR-002B Datasheet HTML 1Page - CUI INC PR-002B Datasheet HTML 2Page - CUI INC PR-002B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PR-002B │ DESCRIPTION: DC POWER JACK
date
11/01/2013│ page 2 of 3
1
2
4.0 0.157
0.394
10.0
41.0 1.614
1
2
4.0 0.157
0.413
2.35 0.093
10.5
5.7 0.224
8.0 0.315
0.157
4.0
10.0 0.394
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
PBS
nickel
terminal 1
BSR
nickel
terminal 2
BSR
nickel
pin
BSBM
nickel
ring
BSBM
nickel
cap
PE
body
PA
units: mm[inches]
tolerance: ±0.3 mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PR-002B
Center Pin
Ø2.35 mm
MATING PLUG
Jack Insertion Depth: mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com