Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2016B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CC2016B
Description  Tough, durable powder coated finish keeps cable caddy from weathering
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC2016B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CC2016B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cable Pro Cable Caddies are
designed to be lightweight
and durable to ensure years
of trouble-free installations
Features & Benefits
• Heavy duty, lightweight steel tubing and
unique folding mechanism allows for
easy fold and transport of cable caddy
• Tough, durable powder coated finish
keeps cable caddy from weathering
• Solid steel spool support bar withstands
the weight of most large spools of cable
up to 100 lbs.
Product Bulletin
PB 473
Belden Cable Pro
Cable Caddies
Designed to make cable
storage and installation a
breeze for installers.
Belden Technical Support
1.800.BELDEN.1 (800.235.3361)
©Copyright 2011, Belden Inc.
www.belden.com
PB 473
Cable Caddies
Part Number
Description
CC2016B
Holds One 20" x 16" Reel
CC2016BW
Holds One 20" x 16" Reel - 6" Wheels
CC2024
Holds One 20" x 24" Reel - 6" Wheels
CC2036
Holds Up to Two 20" x 24" Reels - 6" Wheels - Adjustable Bar Height to Hold
a Variety of Reel Sizes
• Variety of models to choose from
to meet the needs of all cable
installations
• Available with 6" wheels
• Made in the USA


Similar Part No. - CC2016B

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC2010 COOLCOX-CC2010 Datasheet
325Kb / 1P
DC Axial Fan 20x20x10mm
CC2010H05D COOLCOX-CC2010H05D Datasheet
325Kb / 1P
DC Axial Fan 20x20x10mm
CC2010H05S COOLCOX-CC2010H05S Datasheet
325Kb / 1P
DC Axial Fan 20x20x10mm
CC2010H05SH COOLCOX-CC2010H05SH Datasheet
325Kb / 1P
DC Axial Fan 20x20x10mm
CC2010H12D COOLCOX-CC2010H12D Datasheet
325Kb / 1P
DC Axial Fan 20x20x10mm
More results

Similar Description - CC2016B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ENCL-KIT1 RFSOLUTIONS-ENCL-KIT1 Datasheet
25Kb / 1P
Tough ABS construction
logo
Ferroxcube Internationa...
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
Alloy powder toroids
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
Alloy powder toroids
logo
A-Data Technology
UD310 A-DATA-UD310 Datasheet
447Kb / 1P
DashDrive??Durable UD310
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
Durable, rugged construction
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
Durable, rugged construction
logo
P-tec Corporation
PLH0402-YDW01 P-TEC-PLH0402-YDW01 Datasheet
1,018Kb / 11P
Durable and Rugged RoHS Compliant
PLH3535-WCUV02 P-TEC-PLH3535-WCUV02 Datasheet
801Kb / 8P
Durable and Rugged
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com