Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT47 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # BAT47
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

BAT47 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  BAT47 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. BAT47 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. BAT47 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. BAT47 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
SEMICONDUCT OR
BAT48
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
DO-35
Dimensions in inches and (millimeters)
0.150(3.8)
MAX
1.083(27.5)
MIN
1.083(27.5)
MIN
0.079(2.0)
MAX
DIA
0.020(0.52)
MAX
DIA
For general purpose applications
This diode features very low turn-on voltage and fast switching.
This device is protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharges.
This diode is also available in the MiniMELF case with the type designation Ll48.
Reverse breakdown voltage Tested with 100 A pulses
m
Leakage current
pulse test t
300 s ,
2%
at V =10V
at V =10V, T =60°C
at V =20V
at V =20V, T =60°C
at V =40V
at V =40V, T =60°C
p
R
RJ
R
RJ
R
RJ
md
Forward voltage
Pulse Test t
300 s,
2%
at I =0.1mA,
at I =10mA,
at I =250mA
p
F
F
F
md
40
12
0.25
2
25
50
0.40
15
0.90
5
25
Thermal resistance junction to ambient Air
Capacitance at V =1V ,f=1MHz
R
V(BR)R
V
V
V
V
mA
mA
mA
mA
mA
mA
pF
°/W
C
VF
VF
VF
IR
IR
IR
IR
IR
IR
CJ
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
300
1)
Case: DO-35 glass case
Polarity:color band denotes cathode end
Weight: Approx. 0.13 gram
RqJA
Min.
Typ.
Max.
Unis
Symbols
VRRM
IFRM
IFSM
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Current at t 1s,
0 5
<< .
p
d
Surge forward current at t 10ms ,
p
<
Junction temperature
Power Dissipation at
IF
Ambient Operating
temperature Range
Storage T
emperature Range
TSTG
TA
TJ
Ptot
Forward Continuous Current at
T =65°C
A
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
A
mA
mW
A
V
-55 to+150
-55 to+125
125
1
7.5
330
40
350
1)
1)
1)
1)
Symbols
Units
Value
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
42
-
High temperature soldering guaranteed 260°C 10 seconds at terminals
:/
Component in accordance to RoHS 2011 65 EU
//
°
C
°
C
°
C
T =25°C
A
T =25°C
A
T =25°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com