Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL101A Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL101A
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL101A Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL101A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL101A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES LL101A THR LL101C
U
Figure 1. Typical variation of forward. current vs.fwd.
Voltage for primary conduction through the
schottky barrier
Figure 2. Typical forward conduction curve of combination
Schottky barrier and PN junction guard ring
Figure 4. Typical capacitance curve as a function
of reverse voltage
0
0
0.01
0.01
2
2
2
2
2
2
2
5
5
5
5
5
5
5
0.1
0.1
1
1
10
10
100
20
40
60
80
0.5
0.5
1V
1V
100
2
mA
mA
pF
VF
VR
VR
VF
IF
IR
C
IF
A
B
C
A
A
B
B
C
C
0
0
1
10
10
20
20
30
30
40
40
5V
0
5V
0
μA
25 C
50 C
75 C
100 C
125 C
150 C
Figure 3.Typical variation of reverse current
at versus temperature
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com