Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103A Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL103A
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL103A Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL103A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL103A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. LL103A Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES LL103A THRU LL103C
0
0.5
10
20
30
40
50V
1
1.5V
10
10
10
10
10
10
10
10
1
1
10
10
10
10
10
10
-2
-2
3
-3
2
-1
-1
-1
3
3
2
2
0
0
1
2
3
4
0.5
1V
5
I(mA)
F
Tj= 25°C
A
μA
ms
Figure 1. Typical variation of forward current vs. Forward.
Voltage for primary conduction through the
schottky barrier
Figure 2. Typical high current forward
conduction curve t =300ms,duty cycle=2%
p
Figure 4. Typical variation of reverse current at
various temperatures
VF
VF
VR
IF
IF
IR
0
10
20
30
40
50
110
Figure 3. Typical non repetitive forward surge
current versus pulse width
tp
IF
25 C
50 C
75 C
100 C
125 C
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
32
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com