Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL5711 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL5711
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL5711 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL5711 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL5711 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTICS CURVES LL5711 & LL6263
Fig.1 Typical variation of fwd. current vs forward. voltage for
primary conduction through the Schottky barrier
Fig.2 Typical forward conduction curve of combination
Schottky barrier and PN junction guard ring
Fig.4 Typical capacitance curve as a function of
reverse voltage
0
0
0.01
0
0
1
2
20
40
60
80
2
2
5
0.5
0.5
5
5
0.1
1
1V
1V
10
100
2
VF
VR
VF
IF
CJ
IF
mA
mA
pF
Fig.3 Typical variation of reverse current at
various temperatures
0
0
0.01
0.1
25 C
50 C
75 C
100 C
125 C
150 C
1
10
100
5
5
5
5
2
2
2
2
10
10
20
20
30
30
40
40
50V
50V
VR
IR
μA
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2
T =25 C
J
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com