Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7271 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7271
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7271 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV7271 Datasheet HTML 8Page - National Semiconductor (TI) LMV7271 Datasheet HTML 9Page - National Semiconductor (TI) LMV7271 Datasheet HTML 10Page - National Semiconductor (TI) LMV7271 Datasheet HTML 11Page - National Semiconductor (TI) LMV7271 Datasheet HTML 12Page - National Semiconductor (TI) LMV7271 Datasheet HTML 13Page - National Semiconductor (TI) LMV7271 Datasheet HTML 14Page - National Semiconductor (TI) LMV7271 Datasheet HTML 15Page - National Semiconductor (TI) LMV7271 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Typical Applications
UNIVERSAL LOGIC LEVEL SHIFTER
The output of LMV7275 is an unconnected drain of an
NMOS device, which can be pulled up, through a resistor, to
any desired output level within the permitted power supply
range. Hence, the following simple circuit works as a univer-
sal logic level shifter, pulling up the signal to the desired
level.
POSITIVE PEAK DETECTOR
A positive peak detect circuit is basically a comparator oper-
ated in a unity gain follower configuration, with a capacitor as
a load to maintain the highest voltage. A diode is added at
the output to prevent the capacitor from discharging through
the pull-up resistor, and a 1M
Ω resistor added in parallel to
the capacitor to provide a high impedance discharge path.
When the input V
IN increases, the inverting input of the
comparator follows it, thus charging the capacitor. When it
decreases, the cap discharges through the 1M
Ω resistor.
The decay time can be modified by changing the resistor.
The output should be accessed through a follower circuit to
prevent loading.
OR’ING THE OUTPUT
Since the output is an unconnected NMOS drain, many
drains can be tied together, pulled up to V
DD by a single
resistor to provide an output OR’ing function. If any of the
comparator outputs is pulled low the output V
O goes down.
20064052
FIGURE 6. Logic Level Shifter
20064054
FIGURE 7. Positive Peak Detector
20064053
FIGURE 8. OR’ing the Outputs
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com